Part Number Hot Search : 
1206L110 1SV323 BCP882 7166AST HFCS50SG 4761A BAS70X LBN14060
Product Description
Full Text Search
 

To Download EC21A0920401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hollow Shaft Type Devices
21mm Size Encoder Type
EC21A Series
Hollow-center shaft encoder with 4mm height contribute to space saving and multifunctioning.
Typical Specifications
Items Rating Without load Operating life With load
50,000cycles
Specifications
10mA 5V DC 50,000cycles
Hollow Shaft Type Devices
Product Line
Actuator length mm Detent torque mN m
7 9 16 7 18 9 EC21A0920401 2 5 30 15 Vertical Without 600 EC21A1520401
Number of detent
Number of pulse
Operating direction
Push-on switch
Minimum order unit pcs.
Product No.
EC21A1540401
No.
1
Dimensions
No. Photo
Mounting surface 3.5 4 9 3 2
Unit:mm
Style
0.7
221 .6
22.3
PC board mounting hole dimensions Do not wire the shaded area
Encoder Type Potentiometer Type
12
0
C
23
16 .6
.2
120
4-4
15.4
21.6
2.5
C 90 2.6 23.6 90
3-2
A
B
12 0
3-2
1
12.2
0 12
1 2-8
0.7
410.8
2.
5
1.5
6 2.
A 5 B 3-o1 holes
3.5 4 Mounting surface
9 3 2
12
0
21
C
.6
22.3 16 1.5 C 90 2.6
23
16 .6
.2
120
4-4
3-2
3-2
2 90 1.8
2
15.4
21.6
2.5
12
A
B
6 2.
B 5 3-o1 holes
410.8
2.
5
A 2
23.6
0
12
12.2
0
1 2-8
o1
.5
ho
le
455
Hollow Shaft Type Devices
List of Varieties
Type Series Hollow Shaft Type Devices Encoder 21mm size EC21A 28mm size EC28A 35mm size EC35AH EC35B 40mm size EC40A 45mm size EC45A 60mm size EC60A
Photo
Incremental/ Self-returen switch Hollow shaft Vertical 9/18 15/30 15/30 6GABC 18 10GABC 30 Without 15 30 31 Position 15 30
Output Shaft types Operating direction Number of pulse/ Number of detent Push switch Travel mm Optional functions Changeover angle Dimensions Soldering mm Electrical performance W D H Manual soldering Dip soldering Reflow soldering Outline specifications
Incremental
ABC
Incremental
Absolute Incremental
12 28 21.6 29 4 15 350 260 5 ,5 1s 35 37 21.35 max. 3s max. 260 max. 5s max. 41.6 9 45 35 40.4 44.5
12 61.8 11.5
Operating temperature range Output voltage Insulation resistance Voltage proof Rotational torque Mechanical performance Terminal strength Rotational direction
Push direction
-40 2.5V max. at 5V DC,1mA resistive load 2.5V max. at 5V DC,0.5mA resistive load
to
85 2.5V max.at 5V DC,0.5mA resistive load 10M min. 50V DC 10M min. 500V DC 500V AC for 1minute
2.5V max. at 5V DC,1mA resistive load
Encoder Type Potentiometer Type
100M min. 250V DC 300V AC for 1minute 12 16 7mN m 20 10mN m 5N for 1minute 100N 100N 7mN m 18 7mN m
50V AC for 1minute 20 10mN m 20 11mN m
Shall be in accordance with individual 40 20mN m specifications. 3N for 10s.
Actuator strength
50N
Vibration Environmental performance Cold Dry heat Damp heat Page
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2 hours respectively -40 85 2 2 for 240h for 240h 60 455 2 , 90 to 95%RH for 240h 456 457 458 -40 85 3 3 for 240h for 240h 40 459 2 , 90 to 95 460 RH for 240h 462
Self-return Switch Specifications
Items Circuit number of contacts Travel mm Push operating force N Switch ON position Ratational torgue Rating Contact resistance Operating life
40 200m
EC35B
Single pole and double throw Self-return 2.8 3.8 15 5 Nm max.
10mA 5V DC 15,000cycles
Note
F
The operating temperature range for automotive applications can be raised upon request. Please contact us for requirements of this kind.
448


▲Up To Search▲   

 
Price & Availability of EC21A0920401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X